| データシートサーチシステム |
|
MPC866PCVR100A データシート(PDF) 67 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC866PCVR100A データシート(HTML) 67 Page - Freescale Semiconductor, Inc |
|
67 / 96 page ![]() MPC866/MPC859 Hardware Specifications, Rev. 2 Freescale Semiconductor 67 CPM Electrical Characteristics 12.10SPI Master AC Electrical Specifications Table 26 shows the SPI master timings as shown in Figure 67 and Figure 68. Figure 67. SPI Master (CP = 0) Timing Diagram Table 26. SPI Master Timing Num Characteristic All Frequencies Unit Min Max 160 MASTER cycle time 4 1024 tcyc 161 MASTER clock (SCK) high or low time 2 512 tcyc 162 MASTER data setup time (inputs) 15 — ns 163 Master data hold time (inputs) 0 — ns 164 Master data valid (after SCK edge) — 10 ns 165 Master data hold time (outputs) 0 — ns 166 Rise time output — 15 ns 167 Fall time output — 15 ns SPIMOSI (Output) SPICLK (CI=0) (Output) SPICLK (CI=1) (Output) SPIMISO (Input) 162 Data 166 167 161 161 160 msb lsb msb msb Data lsb msb 167 166 163 166 167 165 164 |