| データシートサーチシステム |
|
MPC8247VRB データシート(PDF) 30 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8247VRB データシート(HTML) 30 Page - Freescale Semiconductor, Inc |
|
30 / 60 page ![]() MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5 30 Freescale Semiconductor Clock Configuration Modes 0010_000 50.0 100.0 4 200.0 400.0 5 250.0 500.0 8 25.0 50.0 0010_001 50.0 100.0 4 200.0 400.0 6 300.0 600.0 8 25.0 50.0 0010_010 50.0 100.0 4 200.0 400.0 7 350.0 700.0 8 25.0 50.0 0010_011 50.0 100.0 4 200.0 400.0 8 400.0 800.0 8 25.0 50.0 0010_100 37.5 75.0 4 150.0 300.0 5 187.5 375.0 6 25.0 50.0 0010_101 37.5 75.0 4 150.0 300.0 5.5 206.3 412.5 6 25.0 50.0 0010_110 37.5 75.0 4 150.0 300.0 6 225.0 450.0 6 25.0 50.0 0011_000 30.0 50.0 5 150.0 250.0 5 150.0 250.0 5 30.0 50.0 0011_001 25.0 50.0 5 125.0 250.0 6 150.0 300.0 5 25.0 50.0 0011_010 25.0 50.0 5 125.0 250.0 7 175.0 350.0 5 25.0 50.0 0011_011 25.0 50.0 5 125.0 250.0 8 200.0 400.0 5 25.0 50.0 0100_000 Reserved 0100_001 25.0 50.0 6 150.0 300.0 6 150.0 300.0 6 25.0 50.0 0100_010 25.0 50.0 6 150.0 300.0 7 175.0 350.0 6 25.0 50.0 0100_011 25.0 50.0 6 150.0 300.0 8 200.0 400.0 6 25.0 50.0 0101_000 60.0 100.0 2 120.0 200.0 2.5 150.0 250.0 4 30.0 50.0 0101_001 50.0 100.0 2 100.0 200.0 3 150.0 300.0 4 25.0 50.0 0101_010 50.0 100.0 2 100.0 200.0 3.5 175.0 350.0 4 25.0 50.0 0101_011 50.0 100.0 2 100.0 200.0 4 200.0 400.0 4 25.0 50.0 0101_100 50.0 100.0 2 100.0 200.0 4.5 225.0 450.0 4 25.0 50.0 0101_101 42.9 83.3 3 128.6 250.0 3.5 150.0 291.7 5 25.7 50.0 0101_110 41.7 83.3 3 125.0 250.0 4 166.7 333.3 5 25.0 50.0 0101_111 41.7 83.3 3 125.0 250.0 4.5 187.5 375.0 5 25.0 50.0 0110_000 60.0 120.0 2.5 150.0 300.0 2.5 150.0 300.0 6 25.0 50.0 Table 17. Clock Configurations for PCI Host Mode (PCI_MODCK=1) 1, 2 (continued) Mode 3 Bus Clock (MHz) CPM Multiplication Factor 4 CPM Clock (MHz) CPU Multiplication Factor 5 CPU Clock (MHz) PCI Division Factor PCI Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High |