| データシートサーチシステム |
|
MPC8540CVT667JB データシート(PDF) 60 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540CVT667JB データシート(HTML) 60 Page - Freescale Semiconductor, Inc |
|
60 / 104 page ![]() MPC8540 Integrated Processor Hardware Specifications, Rev. 4 60 Freescale Semiconductor RapidIO The compliance of driver output signals TD[0:15] and TFRAME with their minimum data valid window (DV) specification shall be determined by generating an eye pattern for each of the data signals and comparing the eye pattern of each data signal with the RapidIO transmit mask shown in Figure 37. The value of X2 used to construct the mask shall be (1 – DVmin)/2. A signal is compliant with the data valid window specification if the transmit mask can be positioned on the signal’s eye pattern such that the eye pattern falls entirely within the unshaded portion of the mask. Figure 37. RapidIO Transmit Mask Table 49. RapidIO Driver AC Timing Specifications—1 Gbps Data Rate Characteristic Symbol Range Unit Notes Min Max Differential output high voltage VOHD 200 540 mV 1 Differential output low voltage VOLD –540 –200 mV 1 Duty cycle DC 48 52 % 2, 6 VOD rise time, 20%–80% of peak to peak differential signal swing tFALL 100 — ps 3, 6 VOD fall time, 20%–80% of peak to peak differential signal swing tRISE 100 — ps 6 Data valid DV 575 — ps 6 Skew of any two data outputs tDPAIR — 100 ps 4, 6 Skew of single data outputs to associated clock tSKEW,PAIR –100 100 ps 5, 6 Notes: 1.See Figure 37. 2.Requires ±100 ppm long term frequency stability. 3.Measured at VOD = 0 V. 4.Measured using the RapidIO transmit mask shown in Figure 37. 5.See Figure 42. 6.Guaranteed by design. X2 VOHDmax 0 VOHDmin VOLDmax VOLDmin 1–X2 DV Time (UI) 01 |