| データシートサーチシステム |
|
MPC8272CVRI データシート(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8272CVRI データシート(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 60 page ![]() MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5 2 Freescale Semiconductor Overview Devices in the MPC8272 family are available in two packages—the VR or ZQ package—as shown in Table 2. For package ordering information, refer to Section 10, “Ordering Information.” Table 1. MPC8272 PowerQUICC II Family Functionality Functionality Devices MPC8272 MPC8248 MPC8271 MPC8247 Package 1 1 Refer to Table 2. 516 PBGA Serial communications controllers (SCCs) 3 3 3 3 QUICC multi-channel controller (QMC) Yes Yes Yes Yes Fast communication controllers (FCCs) 2 2 2 2 I-Cache (Kbyte) 16 16 16 16 D-Cache (Kbyte) 16 16 16 16 Ethernet (10/100) 2 2 2 2 UTOPIA II Ports 1 0 1 0 Multi-channel controllers (MCCs) 0 0 0 0 PCI bridge Yes Yes Yes Yes Transmission convergence (TC) layer — — — — Inverse multiplexing for ATM (IMA) — — — — Universal serial bus (USB) 2.0 full/low rate 1 1 1 1 Security engine (SEC) Yes Yes — — Table 2. MPC8272 PowerQUICC II Device Packages Code (Package) VR (516 PBGA—Lead free) ZQ (516 PBGA—Lead spheres) Device MPC8272VR MPC8272ZQ MPC8248VR MPC8248ZQ MPC8271VR MPC8271ZQ MPC8247VR MPC8247ZQ |