| データシートサーチシステム |
|
MPC8248CVRI データシート(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8248CVRI データシート(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 60 page ![]() MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5 Freescale Semiconductor 39 Clock Configuration Modes 0110_011 25.0 50.0 8 200.0 400.0 4 266.7 533.3 3 66.7 133.3 0110_100 25.0 50.0 8 200.0 400.0 4.5 300.0 600.0 3 66.7 133.3 0111_000 25.0 50.0 6 150.0 300.0 2 150.0 300.0 2 75.0 150.0 0111_001 25.0 50.0 6 150.0 300.0 2.5 187.5 375.0 2 75.0 150.0 0111_010 25.0 50.0 6 150.0 300.0 3 225.0 450.0 2 75.0 150.0 0111_011 25.0 50.0 6 150.0 300.0 3.5 262.5 525.0 2 75.0 150.0 1000_000 Reserved 1000_001 25.0 50.0 6 150.0 300.0 2.5 150.0 300.0 2.5 60.0 120.0 1000_010 25.0 50.0 6 150.0 300.0 3 180.0 360.0 2.5 60.0 120.0 1000_011 25.0 50.0 6 150.0 300.0 3.5 210.0 420.0 2.5 60.0 120.0 1000_100 25.0 50.0 6 150.0 300.0 4 240.0 480.0 2.5 60.0 120.0 1000_101 25.0 50.0 6 150.0 300.0 4.5 270.0 540.0 2.5 60.0 120.0 1001_000 Reserved 1001_001 Reserved 1001_010 Reserved 1001_011 25.0 50.0 8 200.0 400.0 4 200.0 400.0 4 50.0 100.0 1001_100 25.0 50.0 8 200.0 400.0 4.5 225.0 450.0 4 50.0 100.0 1010_000 Reserved 1010_001 25.0 50.0 8 200.0 400.0 3 200.0 400.0 3 66.7 133.3 1010_010 25.0 50.0 8 200.0 400.0 3.5 233.3 466.7 3 66.7 133.3 1010_011 25.0 50.0 8 200.0 400.0 4 266.7 533.3 3 66.7 133.3 1010_100 25.0 50.0 8 200.0 400.0 4.5 300.0 600.0 3 66.7 133.3 1011_000 Reserved 1011_001 25.0 50.0 8 200.0 400.0 2.5 200.0 400.0 2.5 80.0 160.0 1011_010 25.0 50.0 8 200.0 400.0 3 240.0 480.0 2.5 80.0 160.0 Table 19. Clock Configurations for PCI Agent Mode (PCI_MODCK=1) 1, 2 (continued) Mode 3 PCI Clock (MHz) CPM Multiplication Factor 4 CPM Clock (MHz) CPU Multiplication Factor 5 CPU Clock (MHz) Bus Division Factor Bus Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High |