データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8270ZUI データシート(PDF) 50 Page - Freescale Semiconductor, Inc

部品番号 MPC8270ZUI
部品情報  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270ZUI データシート(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC8270ZUI Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
50
Freescale Semiconductor
Pinout
L_A27/GNT2/HSENUM
AA25
L_A28/RST/CORE_SRESET
AB29
L_A29/INTA
AB28
L_A30/REQ2
P25
L_A31/DLLOUT
AB27
LCL_D0/AD0
H29
LCL_D1/AD1
J29
LCL_D2/AD2
J28
LCL_D3/AD3
J27
LCL_D4/AD4
J26
LCL_D5/AD5
J25
LCL_D6/AD6
K25
LCL_D7/AD7
L29
LCL_D8/AD8
L27
LCL_D9/AD9
L26
LCL_D10/AD10
L25
LCL_D11/AD11
M29
LCL_D12/AD12
M28
LCL_D13/AD13
M27
LCL_D14/AD14
M26
LCL_D15/AD15
N29
LCL_D16/AD16
T25
LCL_D17/AD17
U27
LCL_D18/AD18
U26
LCL_D19/AD19
U25
LCL_D20/AD20
V29
LCL_D21/AD21
V28
LCL_D22/AD22
V27
LCL_D23/AD23
V26
LCL_D24/AD24
W27
LCL_D25/AD25
W26
LCL_D26/AD26
W25
LCL_D27/AD27
Y29
Table 21. MPC8280 and MPC8270 (ZU Package) Pinout List (continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80