データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8248VRM データシート(PDF) 32 Page - Freescale Semiconductor, Inc

部品番号 MPC8248VRM
部品情報  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8248VRM データシート(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC8248VRM Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8248VRM Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8248VRM Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8248VRM Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8248VRM Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8248VRM Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8248VRM Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8248VRM Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8248VRM Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
32
Freescale Semiconductor
Clock Configuration Modes
1010_000
75.0
150.0
2
150.0 300.0
2
150.0 300.0
6
25.0
50.0
1010_001
75.0
150.0
2
150.0 300.0
2.5
187.5 375.0
6
25.0
50.0
1010_010
75.0
150.0
2
150.0 300.0
3
225.0 450.0
6
25.0
50.0
1010_011
75.0
150.0
2
150.0 300.0
3.5
262.5 525.0
6
25.0
50.0
1010_100
75.0
150.0
2
150.0 300.0
4
300.0 600.0
6
25.0
50.0
1010_101
100.0 200.0
2
200.0 400.0
2.5
250.0 500.0
8
25.0
50.0
1010_110
100.0 200.0
2
200.0 400.0
3
300.0 600.0
8
25.0
50.0
1010_111
100.0 200.0
2
200.0 400.0
3.5
350.0 700.0
8
25.0
50.0
1011_000
Reserved
1011_001
80.0
160.0
2.5
200.0 400.0
2.5
200.0 400.0
8
25.0
50.0
1011_010
80.0
160.0
2.5
200.0 400.0
3
240.0 480.0
8
25.0
50.0
1011_011
80.0
160.0
2.5
200.0 400.0
3.5
280.0 560.0
8
25.0
50.0
1011_100
80.0
160.0
2.5
200.0 400.0
4
320.0 640.0
8
25.0
50.0
1011_101
80.0
160.0
2.5
200.0 400.0
4.5
360.0 720.0
8
25.0
50.0
1101_000
50.0
100.0
2.5
125.0 250.0
3
150.0 300.0
5
25.0
50.0
1101_001
50.0
100.0
2.5
125.0 250.0
3.5
175.0 350.0
5
25.0
50.0
1101_010
50.0
100.0
2.5
125.0 250.0
4
200.0 400.0
5
25.0
50.0
1101_011
50.0
100.0
2.5
125.0 250.0
4.5
225.0 450.0
5
25.0
50.0
1101_100
50.0
100.0
2.5
125.0 250.0
5
250.0 500.0
5
25.0
50.0
1101_101
62.5
125.0
2
125.0 250.0
3
187.5 375.0
5
25.0
50.0
1101_110
62.5
125.0
2
125.0 250.0
4
250.0 500.0
5
25.0
50.0
1110_000
50.0
100.0
3
150.0 300.0
3.5
175.0 350.0
6
25.0
50.0
1110_001
50.0
100.0
3
150.0 300.0
4
200.0 400.0
6
25.0
50.0
1110_010
50.0
100.0
3
150.0 300.0
4.5
225.0 450.0
6
25.0
50.0
1110_011
50.0
100.0
3
150.0 300.0
5
250.0 500.0
6
25.0
50.0
Table 17. Clock Configurations for PCI Host Mode (PCI_MODCK=1) 1, 2 (continued)
Mode 3
Bus Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60