データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8280CVRM データシート(PDF) 73 Page - Freescale Semiconductor, Inc

部品番号 MPC8280CVRM
部品情報  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRM データシート(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRM Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8280CVRM Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
73
Package Description
9
Package Description
The following sections provide the package parameters and mechanical dimensions.
9.1 Package Parameters
Package parameters are provided in Table 24.
Table 24. Package Parameters
Package
Devices
Outline
(mm)
Type
Interconnects
Pitch
(mm)
Nominal Unmounted
Height (mm)
ZU
MPC8280
MPC8270
37.5 x 37.5
TBGA
480
1.27
1.55
VR
MPC8275VR
MPC8270VR
27 x 27
PBGA
516
1
2.25
ZQ
MPC8275ZQ
MPC8270ZQ
27 x 27
PBGA
516
1
2.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80