| データシートサーチシステム |
|
MPC8270CVRM データシート(PDF) 37 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270CVRM データシート(HTML) 37 Page - Freescale Semiconductor, Inc |
|
37 / 80 page ![]() MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7 Freescale Semiconductor 37 Clock Configuration Modes 0101_000 50.0 66.7 5 250.0 333.3 2.5 250.0 333.3 2.5 100.0 133.3 0101_001 50.0 66.7 5 250.0 333.3 3 300.0 400.0 2.5 100.0 133.3 0101_010 50.0 66.7 5 250.0 333.3 3.5 350.0 466.6 2.5 100.0 133.3 0101_011 50.0 66.7 5 250.0 333.3 4 400.0 533.3 2.5 100.0 133.3 0101_100 50.0 66.7 5 250.0 333.3 4.5 450.0 599.9 2.5 100.0 133.3 0101_101 50.0 66.7 5 250.0 333.3 5 500.0 666.6 2.5 100.0 133.3 0101_110 50.0 66.7 5 250.0 333.3 5.5 550.0 733.3 2.5 100.0 133.3 0110_000 Reserved 0110_001 50.0 66.7 4 200.0 266.6 3 200.0 266.6 3 66.7 88.9 0110_010 50.0 66.7 4 200.0 266.6 3.5 233.3 311.1 3 66.7 88.9 0110_011 50.0 66.7 4 200.0 266.6 4 266.7 355.5 3 66.7 88.9 0110_100 50.0 66.7 4 200.0 266.6 4.5 300.0 400.0 3 66.7 88.9 0111_000 50.0 66.7 3 150.0 200.0 2 150.0 200.0 2 75.0 100.0 0111_001 50.0 66.7 3 150.0 200.0 2.5 187.5 250.0 2 75.0 100.0 0111_010 50.0 66.7 3 150.0 200.0 3 225.0 300.0 2 75.0 100.0 0111_011 50.0 66.7 3 150.0 200.0 3.5 262.5 350.0 2 75.0 100.0 1000_000 Reserved 1000_001 50.0 66.7 3 150.0 200.0 2.5 150.0 166.7 2.5 60.0 80.0 1000_010 50.0 66.7 3 150.0 200.0 3 180.0 240.0 2.5 60.0 80.0 1000_011 50.0 66.7 3 150.0 200.0 3.5 210.0 280.0 2.5 60.0 80.0 1000_100 50.0 66.7 3 150.0 200.0 4 240.0 320.0 2.5 60.0 80.0 1000_101 50.0 66.7 3 150.0 200.0 4.5 270.0 360.0 2.5 60.0 80.0 1001_000 Reserved 1001_001 Reserved 1001_010 Reserved 1001_011 50.0 66.7 4 200.0 266.6 4 200.0 266.6 4 50.0 66.7 1001_100 50.0 66.7 4 200.0 266.6 4.5 225.0 300.0 4 50.0 66.7 Table 19. Clock Configurations for PCI Agent Mode (PCI_MODCK=0) 1, 2 (continued) Mode 3 PCI Clock (MHz) CPM Multiplication Factor 4 CPM Clock (MHz) CPU Multiplication Factor 5 CPU Clock (MHz) Bus Division Factor Bus Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High |