| データシートサーチシステム |
|
MPC8272VRP データシート(PDF) 32 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8272VRP データシート(HTML) 32 Page - Freescale Semiconductor, Inc |
|
32 / 60 page ![]() MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5 32 Freescale Semiconductor Clock Configuration Modes 1010_000 75.0 150.0 2 150.0 300.0 2 150.0 300.0 6 25.0 50.0 1010_001 75.0 150.0 2 150.0 300.0 2.5 187.5 375.0 6 25.0 50.0 1010_010 75.0 150.0 2 150.0 300.0 3 225.0 450.0 6 25.0 50.0 1010_011 75.0 150.0 2 150.0 300.0 3.5 262.5 525.0 6 25.0 50.0 1010_100 75.0 150.0 2 150.0 300.0 4 300.0 600.0 6 25.0 50.0 1010_101 100.0 200.0 2 200.0 400.0 2.5 250.0 500.0 8 25.0 50.0 1010_110 100.0 200.0 2 200.0 400.0 3 300.0 600.0 8 25.0 50.0 1010_111 100.0 200.0 2 200.0 400.0 3.5 350.0 700.0 8 25.0 50.0 1011_000 Reserved 1011_001 80.0 160.0 2.5 200.0 400.0 2.5 200.0 400.0 8 25.0 50.0 1011_010 80.0 160.0 2.5 200.0 400.0 3 240.0 480.0 8 25.0 50.0 1011_011 80.0 160.0 2.5 200.0 400.0 3.5 280.0 560.0 8 25.0 50.0 1011_100 80.0 160.0 2.5 200.0 400.0 4 320.0 640.0 8 25.0 50.0 1011_101 80.0 160.0 2.5 200.0 400.0 4.5 360.0 720.0 8 25.0 50.0 1101_000 50.0 100.0 2.5 125.0 250.0 3 150.0 300.0 5 25.0 50.0 1101_001 50.0 100.0 2.5 125.0 250.0 3.5 175.0 350.0 5 25.0 50.0 1101_010 50.0 100.0 2.5 125.0 250.0 4 200.0 400.0 5 25.0 50.0 1101_011 50.0 100.0 2.5 125.0 250.0 4.5 225.0 450.0 5 25.0 50.0 1101_100 50.0 100.0 2.5 125.0 250.0 5 250.0 500.0 5 25.0 50.0 1101_101 62.5 125.0 2 125.0 250.0 3 187.5 375.0 5 25.0 50.0 1101_110 62.5 125.0 2 125.0 250.0 4 250.0 500.0 5 25.0 50.0 1110_000 50.0 100.0 3 150.0 300.0 3.5 175.0 350.0 6 25.0 50.0 1110_001 50.0 100.0 3 150.0 300.0 4 200.0 400.0 6 25.0 50.0 1110_010 50.0 100.0 3 150.0 300.0 4.5 225.0 450.0 6 25.0 50.0 1110_011 50.0 100.0 3 150.0 300.0 5 250.0 500.0 6 25.0 50.0 Table 17. Clock Configurations for PCI Host Mode (PCI_MODCK=1) 1, 2 (continued) Mode 3 Bus Clock (MHz) CPM Multiplication Factor 4 CPM Clock (MHz) CPU Multiplication Factor 5 CPU Clock (MHz) PCI Division Factor PCI Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High |