| データシートサーチシステム |
|
MPC8555CPXALE データシート(PDF) 67 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8555CPXALE データシート(HTML) 67 Page - Freescale Semiconductor, Inc |
|
67 / 88 page ![]() MPC8555E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4 Freescale Semiconductor 67 Clocking 15.3 e500 Core PLL Ratio Table 47 describes the clock ratio between the e500 core complex bus (CCB) and the e500 core clock. This ratio is determined by the binary value of LALE and LGPL2 at power up, as shown in Table 47. 15.4 Frequency Options Table 48 shows the expected frequency values for the platform frequency when using a CCB to SYSCLK ratio in comparison to the memory bus speed. Table 47. e500 Core to CCB Ratio Binary Value of LALE, LGPL2 Signals Ratio Description 00 2:1 e500 core:CCB 01 5:2 e500 core:CCB 10 3:1 e500 core:CCB 11 7:2 e500 core:CCB Table 48. Frequency Options with Respect to Memory Bus Speeds CCB to SYSCLK Ratio SYSCLK (MHz) 17 25 33 42 67 83 100 111 133 Platform/CCB Frequency (MHz) 2 200 222 267 3 200 250 300 333 4 267 333 5 208 333 6 200 250 8 200 267 333 9 225 300 10 250 333 12 200 300 16 267 |