| データシートサーチシステム |
|
MPC8270VRP データシート(PDF) 29 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270VRP データシート(HTML) 29 Page - Freescale Semiconductor, Inc |
|
29 / 80 page ![]() MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7 Freescale Semiconductor 29 Clock Configuration Modes 0010_100 75.0 100.0 4 300.0 400.0 5 375.0 500.0 6 50.0 66.7 0010_101 75.0 100.0 4 300.0 400.0 5.5 412.5 549.9 6 50.0 66.7 0010_110 75.0 100.0 4 300.0 400.0 6 450.0 599.9 6 50.0 66.7 0011_000 50.0 66.7 5 250.0 333.3 5 250.0 333.3 5 50.0 66.7 0011_001 50.0 66.7 5 250.0 333.3 6 300.0 400.0 5 50.0 66.7 0011_010 50.0 66.7 5 250.0 333.3 7 350.0 466.6 5 50.0 66.7 0011_011 50.0 66.7 5 250.0 333.3 8 400.0 533.3 5 50.0 66.7 0100_000 Reserved 0100_001 50.0 66.7 6 300.0 400.0 6 300.0 400.0 6 50.0 66.7 0100_010 50.0 66.7 6 300.0 400.0 7 350.0 466.6 6 50.0 66.7 0100_011 50.0 66.7 6 300.0 400.0 8 400.0 533.3 6 50.0 66.7 0101_000 60.0 66.7 2 120.0 133.3 2.5 150.0 166.7 2 60.0 66.7 0101_001 50.0 66.7 2 100.0 133.3 3 150.0 200.0 2 50.0 66.7 0101_010 50.0 66.7 2 100.0 133.3 3.5 175.0 233.3 2 50.0 66.7 0101_011 50.0 66.7 2 100.0 133.3 4 200.0 266.6 2 50.0 66.7 0101_100 50.0 66.7 2 100.0 133.3 4.5 225.0 300.0 2 50.0 66.7 0110_000 60.0 80.0 2.5 150.0 200.0 2.5 150.0 200.0 3 50.0 66.7 0110_001 60.0 80.0 2.5 150.0 200.0 3 180.0 240.0 3 50.0 66.7 0110_010 60.0 80.0 2.5 150.0 200.0 3.5 210.0 280.0 3 50.0 66.7 0110_011 60.0 80.0 2.5 150.0 200.0 4 240.0 320.0 3 50.0 66.7 0110_100 60.0 80.0 2.5 150.0 200.0 4.5 270.0 360.0 3 50.0 66.7 0110_101 60.0 80.0 2.5 150.0 200.0 5 300.0 400.0 3 50.0 66.7 0110_110 60.0 80.0 2.5 150.0 200.0 6 360.0 480.0 3 50.0 66.7 0111_000 Reserved 0111_001 50.0 66.7 3 150.0 200.0 3 150.0 200.0 3 50.0 66.7 0111_010 50.0 66.7 3 150.0 200.0 3.5 175.0 233.3 3 50.0 66.7 0111_011 50.0 66.7 3 150.0 200.0 4 200.0 266.6 3 50.0 66.7 Table 17. Clock Configurations for PCI Host Mode (PCI_MODCK=0) 1, 2 (continued) Mode 3 Bus Clock 4 (MHz) CPM Multiplication Factor 5 CPM Clock (MHz) CPU Multiplication Factor 6 CPU Clock (MHz) PCI Division Factor PCI Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High |