| データシートサーチシステム |
|
MPC8541ECPXAPD データシート(PDF) 56 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8541ECPXAPD データシート(HTML) 56 Page - Freescale Semiconductor, Inc |
|
56 / 84 page ![]() MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4 56 Freescale Semiconductor Package and Pin Listings PCI1_GNT[0] AE6 I/O OVDD PCI1_GNT[1:4] AG5, AH5, AF6, AG6 O OVDD 5, 9 PCI1_CLK AH25 I OVDD PCI2_CLK AH27 I OVDD PCI2_GNT[0] AC18 I/O OVDD PCI2_GNT[1:4] AD18, AE18, AE19, AD19 O OVDD 5, 9 PCI2_IDSEL AC22 I OVDD PCI2_IRDY AD20 I/O OVDD 2 PCI2_PERR AC20 I/O OVDD 2 PCI2_REQ[0] AD21 I/O OVDD PCI2_REQ[1:4] AE21, AD22, AE22, AC23 I OVDD PCI2_SERR AE20 I/O OVDD 2,4 PCI2_STOP AC21 I/O OVDD 2 PCI2_TRDY AC19 I/O OVDD 2 DDR SDRAM Memory Interface MDQ[0:63] M26, L27, L22, K24, M24, M23, K27, K26, K22, J28, F26, E27, J26, J23, H26, G26, C26, E25, C24, E23, D26, C25, A24, D23, B23, F22, J21, G21, G22, D22, H21, E21, N18, J18, D18, L17, M18, L18, C18, A18, K17, K16, C16, B16, G17, L16, A16, L15, G15, E15, C14, K13, C15, D15, E14, D14, D13, E13, D12, A11, F13, H13, A13, B12 I/O GVDD MECC[0:7] N20, M20, L19, E19, C21, A21, G19, A19 I/O GVDD MDM[0:8] L24, H28, F24, L21, E18, E16, G14, B13, M19 O GVDD MDQS[0:8] L26, J25, D25, A22, H18, F16, F14, C13, C20 I/O GVDD MBA[0:1] B18, B19 O GVDD MA[0:14] N19, B21, F21, K21, M21, C23, A23, B24, H23, G24, K19, B25, D27, J14, J13 OGVDD MWE D17 O GVDD MRAS F17 O GVDD MCAS J16 O GVDD MCS[0:3] H16, G16, J15, H15 O GVDD MCKE[0:1] E26, E28 O GVDD 11 MCK[0:5] J20, H25, A15, D20, F28, K14 O GVDD MCK[0:5] F20, G27, B15, E20, F27, L14 O GVDD Table 43. MPC8541E Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |