| データシートサーチシステム |
|
IM1-22EX-R データシート(PDF) 1 Page - Turck, Inc. |
|
|
|||||||||||||||||||||||||||||
IM1-22EX-R データシート(HTML) 1 Page - Turck, Inc. |
|
1 / 4 page ![]() Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 4 Isolating switching amplifier 2-channel IM1-22EX-R The 2-channel IM1-22EX-R isolating switching amplifier is equipped with intrinsically safe in- put circuits. Sensors according to EN 60947-5-6 (NAMUR) or potential-free contact transmitters can be connected to the device. The output circuits feature 2 relays, each with 1 NO contact. Via six switches on the front, you can set the operating behaviour for each channel sepa- rately (work or quiescent current behavior, i.e. NO/NC) as well as switch wire-break (WB) and short-circuit monitoring (SC) on and off. When using mechanical contacts, wire-break and short-circuit monitoring must be switched off or the contacts must be wired to resistors (II) (see circuit diagram). The Pwr LED lights green to indicate opera- tional readiness. The 2-color LEDs 1 and 2 light yellow to indicate the switching status of the associated output. In the event of an input circuit error, the 2-color LED of the as- signed faulty input turns red, with the input cir- cuit monitoring switched on. Thereupon the output relay drops out. ■ 2 relay outputs (NO) ■ Output mode adjustable (NO/NC mode) ■ Input circuits monitored for wire-break/ short-circuit (ON/OFF switchable) ■ SIL 2 ■ Complete galvanic isolation ■ Input reverse-polarity protected ■ ATEX, IECEx, UL, C FM US , CSA, TR CU, NEPSI, KOSHA, TIIS, CCOE, INMETRO ■ Installation in zone 2 |
同様の部品番号 - IM1-22EX-R |
|
同様の説明 - IM1-22EX-R |