データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IM1-22-R データシート(PDF) 3 Page - Turck, Inc.

部品番号 IM1-22-R
部品情報  Isolating switching amplifier 2-channel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TURCK [Turck, Inc.]
ホームページ  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

IM1-22-R データシート(HTML) 3 Page - Turck, Inc.

  IM1-22-R Datasheet HTML 1Page - Turck, Inc. IM1-22-R Datasheet HTML 2Page - Turck, Inc. IM1-22-R Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com3 / 3
Accessories
Type code
Ident-No.
Dimension drawing
IM-CC-3X2BK/2BK
7541218
Cage clamp terminals for IM modules ( Ex-devices with 18
mm overall width); includes: 4 pcs. of 3-pin black terminals
WM1 WIDER-
STANDSMODUL
0912101
The resistor module WM1 meets the requirements for line
monitoring between a mechanical contact and a TURCK
signal processor. The input circuit of the signal processor is
designed for sensors acc. to EN60947-5-6 (NAMUR) and
equipped with a wire-break and short-circuit monitoring func-
tion.



Html Pages

1 2 3