| データシートサーチシステム |
|
MPC8541ECPXAPE データシート(PDF) 42 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8541ECPXAPE データシート(HTML) 42 Page - Freescale Semiconductor, Inc |
|
42 / 84 page ![]() MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4 42 Freescale Semiconductor CPM Figure 22 provides the AC test load for the CPM. Figure 22. CPM AC Test Load Figure 23 through Figure 28 represent the AC timing from Table 33 and Table 34. Note that although the specifications generally reference the rising edge of the clock, these AC timing diagrams also apply when the falling edge is the active edge. PIO inputs—input hold time tPIIXKH 1ns COL width high (FCC) tFCCH 1.5 CLK Notes: 1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings are measured at the pin. 2. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tFIIVKH symbolizes the FCC inputs internal timing (FI) with respect to the time the input signals (I) reaching the valid state (V) relative to the reference clock tFCC (K) going to the high (H) state or setup time. 3. PIO and TIMER inputs and outputs are asynchronous to SYSCLK or any other externally visible clock. PIO/TIMER inputs are internally synchronized to the CPM internal clock. PIO/TIMER outputs should be treated as asynchronous. Table 34. CPM Output AC Timing Specifications 1 Characteristic Symbol 2 Min Max Unit FCC outputs—internal clock (NMSI) delay tFIKHOX 15.5 ns FCC outputs—external clock (NMSI) delay tFEKHOX 28 ns SPI outputs—internal clock (NMSI) delay tNIKHOX 0.5 10 ns SPI outputs—external clock (NMSI) delay tNEKHOX 28 ns PIO outputs delay tPIKHOX 111 ns Notes: 1. Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal. Timings are measured at the pin. 2. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tFIKHOX symbolizes the FCC inputs internal timing (FI) for the time tFCC memory clock reference (K) goes from the high state (H) until outputs (O) are invalid (X). Table 33. CPM Input AC Timing Specifications 1 (continued) Characteristic Symbol 2 Min3 Unit Output Z0 = 50 Ω OVDD/2 RL = 50 Ω |