| データシートサーチシステム |
|
MPX4115AP データシート(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPX4115AP データシート(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 9 page ![]() MPX4115A MPXA4115A SERIES 8 Motorola Sensor Device Data UNIBODY PACKAGE DIMENSIONS—CONTINUED PRESSURE SIDE PORTED (AS, GS) CASE 867E–03 ISSUE D NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX A 65 4 3 2 1 C K N E –B– PORT #1 POSITIVE PRESSURE J –T– S G F D 6 PL PIN 1 M B M 0.13 (0.005) T DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.690 17.53 18.28 B 0.245 0.255 6.22 6.48 C 0.780 0.820 19.81 20.82 D 0.027 0.033 0.69 0.84 E 0.178 0.186 4.52 4.72 F 0.048 0.064 1.22 1.63 G 0.100 BSC 2.54 BSC J 0.014 0.016 0.36 0.41 K 0.345 0.375 8.76 9.53 N 0.300 0.310 7.62 7.87 S 0.220 0.240 5.59 6.10 0.720 V V 0.182 0.194 4.62 4.93 (P1) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005 |