| データシートサーチシステム |
|
MPX5010D データシート(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPX5010D データシート(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 18 page ![]() MPX5010 Sensors 2 Freescale Semiconductor Figure 1. Fully Integrated Pressure Sensor Schematic Sensing Element Thin Film Temperature Compensation and Gain Stage #1 Gain Stage #2 and Ground Reference Shift Circuitry VS Vout GND Pins 1 and 5 through 8 are NO CONNECTS for surface mount package Pins 4, 5, and 6 are NO CONNECTS for unibody package Table 1. Maximum Ratings(1) 1. Exposure beyond the specified limits may cause permanent damage or degradation to the device. Rating Symbol Value Unit Maximum Pressure (P1 > P2) Pmax 75 kPa Storage Temperature Tstg –40 to +125 °C Operating Temperature TA –40 to +125 °C |