| データシートサーチシステム |
|
MPX5700AP データシート(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPX5700AP データシート(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 9 page ![]() Sensors 8 Freescale Semiconductor MPX5700 PACKAGE DIMENSIONS NOTES: 1. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. CONTROLLING DIMENSION: INCH. INCHES 0.100 BSC MILLIMETERS 2.54 BSC DIM A B C D E F G J K N S V MIN 0.690 0.245 0.780 0.027 0.178 0.048 0.014 0.345 0.300 0.220 0.182 MAX 0.255 0.820 0.033 0.186 0.064 0.016 0.375 0.310 0.240 0.720 0.194 MIN 17.53 6.22 19.81 0.69 4.52 1.22 0.36 8.76 7.62 5.59 4.62 MAX 18.28 6.48 20.82 0.84 4.72 1.63 0.41 9.53 7.87 6.10 4.93 STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX A 65 4 3 2 1 C K N E -B- PORT #1 POSITIVE PRESSURE (P1) J -T- S G F D 6 PL PIN 1 M B M 0.13 (0.005) T V CASE 867E-03 ISSUE D PRESSURE SIDE PORTED (AS, GS) C E V J PORT #1 POSITIVE PRESSURE (P1) -T- -P- M Q M 0.25 (0.010) T D 6 PL F G K PIN 1 U A B R S N -Q- S P M 0.13 (0.005) Q S T 65 4 3 2 1 STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX MILLIMETERS INCHES 0.100 BSC 2.54 BSC DIM A B C D E F G J K N P Q R S U V MIN 1.080 0.740 0.630 0.027 0.160 0.048 0.014 0.070 0.150 0.150 0.440 0.695 0.840 0.182 0.220 MAX 1.120 0.760 0.650 0.033 0.180 0.064 0.016 0.080 0.160 0.160 0.460 0.725 0.860 0.194 0.240 MIN 27.43 18.80 16.00 0.68 4.06 1.22 0.36 1.78 3.81 3.81 11.18 17.65 21.34 4.62 5.59 MAX 28.45 19.30 16.51 0.84 4.57 1.63 0.41 2.03 4.06 4.06 11.68 18.42 21.84 4.93 6.10 NOTES: 1. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. CONTROLLING DIMENSION: INCH. CASE 867F-03 ISSUE D PRESSURE SIDE AXIAL PORT (ASX) |