| データシートサーチシステム |
|
MB95F133JS データシート(PDF) 17 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95F133JS データシート(HTML) 17 Page - fujitsu semiconductor |
|
17 / 63 page ![]() MB95130M Series 17 ■ BLOCK DIAGRAM F2MC-8FX CPU UART/SIO ROM RAM LIN-UART RST X0,X1 PG2/(X1A)* PG1/(X0A)* P00/INT00 to P07/INT07 (P00/PPG00) (P01/PPG01) (P05/TO00) (P06/TO01) (P12/EC0) PF0, PF1 (P02/SCK) (P03/SOT) (P04/SIN) P00/AN00 to P07/AN07 P10/U10 P11/UO0 P12/UCK0 P14/PPG0 P15, P16 AVCC AVSS MOD, VCC, VSS, C P13/TRG0/ADTG *: Single clock product is a general-purpose port, and dual clock product is a sub clock oscillation pin. Reset control Clock control Watch prescaler Watch counter External interrupt Port Interrupt control Wild register 8/16-bit compound timer Port Other pins 8/10-bit A/D converter 16-bit PPG 8/16-bit PPG |