| データシートサーチシステム |
|
PL75-9 データシート(PDF) 90 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PL75-9 データシート(HTML) 90 Page - List of Unclassifed Manufacturers |
|
90 / 141 page ![]() R Trompeter Products Catalog - T21 Military/Aerospace ISO 9001 Registered (800) 982-2629 Fax: (818) 706-1040 www.trompeter.com 90 Cable Group Table Notes Trompeter provides cable connectors with configurations designed to provide tough, durable terminations on spe- cific cables. Cable connector part numbers reference a specific cable group number for a specific cable type, model, and/or manufacturer. This ensures that the con- nector fits your cable and provides the toughest termina- tion available in the industry. If you know the part number and manufacturer of your cable, you can locate the cable's assigned cable group number using the cable group table in the following pages. ▲ If you have a Trompeter connector, you can determine the cable group number by the last hyphenated suffix, (usually 1 to 3 digits). Example: PL20-1 = cable group number 1 ▲ If you cannot satisfy your connector requirements with the standard cable group number, or have a special require- ment, contact your local Trompeter representative listed on the back inside cover of this catalog, or you can visit our website at www.trompeter.com to find the sales rep nearest you. Contact the factory for more information. Note: Cables of the same type and specification may vary from manufacturer to manufacturer. Always verify the cable group number for your connector type and manufac- turer. The symbol - after the part numbers listed in this catalog indicates that you should refer to the cable group table in the proceeding pages. 1 If your cable group is not listed, contact the factory for assistance... For Plugs: (PL20, PL40) Black ACA- -0 Wrench Crimp Connectors (Cable Groups -1,-2, &-5 only) For Plugs: (PL220 & PL240) Clear ACC- Tool Crimp Connectors (Cable Groups -011 & -013 only) 1 1 Minimizes the cable damage when exceeding the cable's mini- mum bend radius. Bend relief boots are made of tough 105 °PVC. Bend relief springs are plastic coated tempered steel wire which are assembled as an integral part of the clamp-nut assembly. Available for specific Trompeter connectors, patch cords, and cable assemblies. For bend relief "BR" spring connectors, refer to page 79. Boots may be assembled to the cable connector using 3M ScotchGripTM No.1099 plastic adhesive or equivalent. Call the factory for availability. Bend Relief Boots/Springs Cable group table notes / bend relief boots/springs Note: All dimensions in the proceeding Cable Group Table are in thousandths of an inch. |