| データシートサーチシステム |
|
C0201C103C4GA データシート(PDF) 2 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
C0201C103C4GA データシート(HTML) 2 Page - Kemet Corporation |
|
2 / 8 page ![]() ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 CERAMIC CHIP/STANDARD X5R CAPACITANCE RANGE NOTE: For non-standard capacitance values or voltages, contact your local KEMET sales representative. 50 Volt Ceramic Chips can be used for 63 volt applications. * EIA preferred chip sizes C0805* C1206* C1210* C1812* C1825* C2225 100V 50V 100V 50V 100V 50V KC KC KC 100V 100V 50V 100V 50V 100V DC DC DC DC DC DC DC DC DC DD DD DD DD DD DD 50V M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z CAP TOL 682 822 103 123 153 183 223 273 333 393 473 563 683 823 104 124 154 184 224 274 334 394 474 564 684 824 105 125 155 185 225 CAP CODE 6800 8200 10,000 12,000 15,000 18,000 22,000 27,000 33,000 39,000 47,000 56,000 68,000 82,000 100,000 120,000 150,000 180,000 220,000 270,000 330,000 390,000 470,000 560,000 680,000 820,000 1,000,000 1,200,000 1,500,000 1,800,000 2,200,000 CAP. PF DC DC DC EB EB EB EB EB EB EB EB EB EB EB EB EB EC EC EC EC EB EB EB EB EB EB EB EC EC EB EB EB EB FB FB FB FB FB FB FC FC FC FC FD FD FD FD FD FF FH FB FB FB FC FD FD FD GB GB GB GB GB GB GB GB GB GB GC GC GE GE GB GB GB GB HB HB HB HB HB HB HB HB HB HB HB HB HB HB HB HB HB HB HD KB KB KB KB KB KB KB KB KC KD KD M,Z 275 2,700,000 KD Z5U CAPACITANCE RANGE (KEMET's Z5U also meets Y5V Characteristics) 50V 100V 50V 100V 50V 100V 50V 100V 50V 100V 50V 100V 6,800 682 M,Z DC DC 8,200 822 M,Z DC DC 10,000 103 M,Z DC DC EB EB 12,000 123 M,Z DC EB EB 15,000 153 M,Z DC EB EB 18,000 183 M,Z DC EB EB 22,000 223 M,Z DC EB EB 27,000 273 M,Z DC EB EB 33,000 333 M,Z DC EB EB 39,000 393 M,Z DD EB EC 47,000 473 M,Z DD EB EC FB FB 56,000 563 M,Z DD EB EB FB FB 68,000 683 M,Z DD EB EB FB FB 82,000 823 M,Z DD EB EB FB FC GB GB 100,000 104 M,Z DD EB EB FB FD GB GB 120,000 124 M,Z EC FB FD GB GB 150,000 154 M,Z EC FC FD GB GB 180,000 184 M,Z EC FC GB HB HB 220,000 224 M,Z EC FC GB HB HB 270,000 274 M,Z FC GB HB HB 330,000 334 M,Z FD GB HB HB KB KC 390,000 394 M,Z FD GB HB HD KB KC 470,000 474 M,Z FD GB HB KB KC 560,000 564 M,Z FD GC HB KB 680,000 684 M,Z FD GC HB KB 820,000 824 M,Z FF GE HB KB 1,000,000 105 M,Z FH GE HB KB 1,200,000 125 M,Z HB KB 1,500,000 155 M,Z HB KC 1,800,000 185 M,Z HB KD 2,200,000 225 M,Z HB KD 2,700,000 275 M,Z KD C1825* C2225 Cap pF Cap Code Cap Tol. C0805* C1206* C1210* C1812* See page 7 8 for Thickness Code Reference Chart. NOTE: For non-standard capacitance values or voltages, contact your local KEMET sales representative. +Reflow only ° Available M ±20% tolerance only Improved product with higher ratings and tighter capacitance tolerance product may be substituted within the same size (length, width, and thickness) at KEMET's option. Reels with such substitutions will be marked with the improved KEMET part numbers. 76 6.3V 16V 6.3V 10V 16V 6.3V 10V 16V 25V 4V 6.3V 10V 16V 25V 6.3V 10V 16V 25V 6.3V 10V 16V 25V 50V 10,000 103 K,M AA~ 12,000 123 K,MBB BB BB 15,000 153 K,MBB BB BB 18,000 183 K,MBB BB BB 22,000 223 K,MBB BB BB 27,000 273 K,MBB BB BB 33,000 333 K,MBB BB BB 39,000 393 K,MBB BB BB 47,000 473 K,MBB BB BB 56,000 563 K,MBB BB BB 68,000 683 K,MBB BB BB 82,000 823 K,MBB BB BB 100,000 104 K,M AA~ BB BB BB 120,000 124 K,M 150,000 154 K,M 180,000 184 K,M 220,000 224 K,MBB 270,000 274 K,MCC CC CC EB 330,000 334 K,MCC CC CC EB 390,000 394 K,MCC CC CC EB 470,000 474 K,MCC CC CC DC EC 560,000 564 K,MCC CC CC DD ED 680,000 684 K,MCC CC CC DE EE 820,000 824 K,MCC CC CC DF EF 1,000,000 105 K,M BB BB CC CC CC CD DG DG DG DG EH FH+ FH+ FH+ 1,200,000 125 K,M DD DD DD EC FD+ FD+ 1,500,000 155 K,M DE DE DE EC EC EC EC FD+ FD+ 1,800,000 185 K,M DH DH DH EC EC EC EC FD+ FD+ 2,200,000 225 K,M BB° CC+ CC+ CC+ DD DG DD EE EE EE EE FG+ FG+ 2,700,000 275 K,M EF EF EF EF FG+ FG+ 3,300,000 335 K,M DE DE DH EH EH EH EH FH+ FH+ 4,700,000 475 K,M CD+ DH DH DH EH EH EH EH FK+ FK+ FK+ FK+ 5,600,000 565 K,M 6,800,000 685 K,M ED ED EH FJ+ FJ+ FJ+ FF+ 8,200,000 825 K,M ED ED EH FK+ FK+ FK+ FG+ 10,000,000 106 K,M CD°+ DJ+ DJ+ DK+ EH EH EH EH+ FK+ FK+ FK+ FH+ 12,000,000 126 K,M FD+ FD+ FG+ 15,000,000 156 K,M FD+ FD+ FL+ 18,000,000 186 K,M FL+ FL+ FH+ 22,000,000 226 K,M DH°+ EH+ FH+ FH+ FJ+ 27,000,000 276 K,M 33,000,000 336 K,M 39,000,000 396 K,M 47,000,000 476 K,M DJ°+ EH°+ FQ°+ 100,000,000 107 K,M EH°+ FQ°+ C1206* C1210* C0402* C0805* Cap pF Cap Code Cap Tolerance C0603* 0201 |