| データシートサーチシステム |
|
SDA188_D データシート(PDF) 2 Page - Solid States Devices, Inc |
|
|
|||||||||||||||||||||||||||||
SDA188_D データシート(HTML) 2 Page - Solid States Devices, Inc |
|
2 / 2 page ![]() NOTES: * Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2% *For information on curves, contact the Factory Representative for Engineering Assistance. 1/ Unless Otherwise Specified, All Electrical Characteristics Per Leg .2/Unless Otherwise Specified, All Electrical Characteristics @25ºC 3/ Higher Voltages Are Available. Contact Factory. 4/ Polarity Code precedes voltage code i.e. SDA188CG is a common cathode, 1000 V part Solid State Devices, Inc. 14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SDA188A – SDA188G Series ELECTRICAL CHARACTERISTICS 1/,2/ Part # 4 Peak Inverse Voltage Sine Wave RMS Input Voltage Max. Average DC Output Current TC=Case Temp Peak Surge Current (1 Cycle) Peak Forward Current Maximum Forward Voltage @ 25 A(DC) Maximum Reverse Current Symbol PIV IO (DC) IFSM IF VF IR @ PIV Units Volts 3/ Volts Amps Amps Amps Volts µA Conditions 55oC 100oC 125oC 25 oC 100oC SDA188_A 50 35 50 33 16 500 200 1.05 1.0 100 SDA188_B 100 70 50 33 16 500 200 1.05 1.0 100 SDA188_C 200 140 50 33 16 500 200 1.05 1.0 100 SDA188_D 400 280 50 33 16 500 200 1.05 1.0 100 SDA188_E 600 420 50 33 16 500 200 1.05 1.0 100 SDA188_F 800 560 50 33 16 500 200 1.05 1.0 100 SDA188_G 1000 700 50 33 16 500 200 1.05 1.0 100 |