| データシートサーチシステム |
|
MP8042DF データシート(PDF) 9 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP8042DF データシート(HTML) 9 Page - Monolithic Power Systems |
|
9 / 9 page ![]() MP8042 – HIGH CURRENT, DUAL CHANNEL POWER HALF-BRIDGE INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications. Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not assume any legal responsibility for any said applications. MP8042 Rev. 0.9 www.MonolithicPower.com 9 5/23/2006 MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. © 2006 MPS. All Rights Reserved. TM PACKAGE INFORMATION TSSOP20F NOTE: 1) Control dimension is in inches. Dimension in bracket is millimeters. SEE DETAIL "A" SEE DETAIL "B" 0.004(0.090) 0.008(0.200) 0.007(0.190) 0.010(0.250) 0.004(0.090) 0.006(0.160) 0.075(0.190) 0.012(0.300) DETAIL "B" 0.047(1.200) max 0.007(0.190) 0.012(0.300) 0.032(0.800) 0.041(1.050) 0.002(0.050) 0.006(0.150) 0.252 (6.400) 0.260 (6.600) SEATING PLANE 0.0256(0.650)TYP PIN1 IDENT. 0.169 0.177 (4.300) (4.500) 0.244 0.260 (6.200) (6.600) 0.030(0.750) 0.030(0.750) 0.105 (2.67) 0.118 (3.00) pad width 0.150 (3.80) 0.165 (4.19) pad length 0.039(1.000)REF 0.010(0.250) 0.018(0.450) 0.030(0.750) 0o-8o DETAIL "A" GATE PLANE 0.004(0.090) 0.004(0.090) |