データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RF2381PCBA-41X データシート(PDF) 4 Page - RF Micro Devices

部品番号 RF2381PCBA-41X
部品情報  PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFMD [RF Micro Devices]
ホームページ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2381PCBA-41X データシート(HTML) 4 Page - RF Micro Devices

  RF2381PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2381PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2381PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2381PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2381PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2381PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2381PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2381PCBA-41X Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-452
RF2381
Rev A2 060907
Application Schematic
1850MHz to 1910MHz
Pin
Function
Description
Interface Schematic
1RF OUT
RF output pin. This pin is DC-coupled and requires VCC through a bias
inductor sized accordingly to provide a high pass transformation with a
series capacitor.
2GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
3GC
Analog gain control pin. This pin controls the gain of the IC. Minimum
gain occurs at VGC<0.4V and maximum gain is achieved with
VGC=2.0V. 50dB of linear gain control with little variation of input P1dB
is available.
4RF IN
RF input pin. This pin is DC-coupled.
5GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
6VCC
Power supply. This pin should be connected to a regulated supply and
requires a series inductor and bypass capacitor. Voltage is supplied
through this pin to the first stage collector; this voltage also controls the
bias. Gain may be tuned by adjusting the value of the feed inductor.
RF IN
4
5
6
3
2
1
Note orientation of
package in this schematic.
1 pF
GC
2.7 nH
33 nF
VCC
RF OUT
2.7 nH*
33 nF
VCC
ATT
ATT
100 pF
33 pF
*For W-CDMA, use 2.2 nH



Html Pages

1 2 3 4 5 6 7 8