| データシートサーチシステム |
|
SP691ACT/TR データシート(PDF) 19 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP691ACT/TR データシート(HTML) 19 Page - Sipex Corporation |
|
19 / 24 page ![]() 19 Date: 4/18/05 SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2005 Sipex Corporation Figure 30. Watchdog Flow Diagram START SET WDI LOW SUBROUTINE OR PROGRAM LOOP SET WDI HIGH RETURN END Watchdog Software Considerations A way to help the watchdog timer keep a closer watch on software execution involves setting and resetting the watchdog input at different points in the program, rather than "pulsing" the watchdog input high-low-high or low-high-low. This technique avoids a "stuck" loop where the watchdog timer continues to be reset within the loop, keeping the watchdog from timing out. Figure 30 shows an example flow diagram where the I/O driving the watchdog input is set high at the beginning of the program, set low at the beginning of every subrouting or loop, then set high again when the program returns to the beginning. If the program should "hang" in any subroutine, the I/O is continually set low and the watchdog timer is allowed to time out, causing a reset or interrupt to be issued. Maximum V CC Fall Time The VCC fall time is limited by the propagation delay of the battery switchover comparator and should not exceed 0.03V/ µs. A standard rule of thumb for filter capacitance on most regulators is on the order of 100 µF per amp of current. When the power supply is shut off or the main battery is disconnected, the associated initial VCC fall rate is just the inverse of 1A/100 µF = 0.01V/ µs. The VCC fall rate decreases with time as VCC falls exponentially, which more than satisfies the maximum fall-time requirement. |