データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RF3146D データシート(PDF) 3 Page - RF Micro Devices

部品番号 RF3146D
部品情報  DUAL-BAND GSM900/DCS POWER AMP MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFMD [RF Micro Devices]
ホームページ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3146D データシート(HTML) 3 Page - RF Micro Devices

  RF3146D Datasheet HTML 1Page - RF Micro Devices RF3146D Datasheet HTML 2Page - RF Micro Devices RF3146D Datasheet HTML 3Page - RF Micro Devices RF3146D Datasheet HTML 4Page - RF Micro Devices RF3146D Datasheet HTML 5Page - RF Micro Devices RF3146D Datasheet HTML 6Page - RF Micro Devices RF3146D Datasheet HTML 7Page - RF Micro Devices RF3146D Datasheet HTML 8Page - RF Micro Devices RF3146D Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2-493
RF3146D
Rev A11 060719
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (GSM900 Mode)
Temp=+25 °C, VBATT=3.5V,
VRAMP=VRAMP MAX, PIN=3dBm,
Freq=880MHz to 915MHz,
25% Duty Cycle, Pulse Width=1154
μs
Operating Frequency Range
880 to 915
MHz
Maximum Output Power
+34
dBm
Temp = 25 °C, VBATT=3.5V,
VRAMP=VRAMP MAX
32
dBm
Temp=+85 °C, VBATT=3.0V,
VRAMP =VRAMP MAX
Total Efficiency
53
58
%
At POUT MAX, VBATT=3.5V
Input Power Range
0
+3
+5
dBm
Maximum output power guaranteed at mini-
mum drive level
Output Noise Power
-86
-80
dBm
RBW=100kHz, 925MHz to 935MHz,
POUT > +5dBm
-88
-84
dBm
RBW=100kHz, 935MHz to 960MHz,
POUT > +5dBm
Forward Isolation 1
-45
-35
dBm
TXEnable=Low, PIN=+5dBm
Forward Isolation 2
-30
-15
dBm
TXEnable=High, VRAMP=0.2V, PIN=+5dBm
Cross Band Isolation 2f0
-15
dBm
VRAMP=0.2V to VRAMP=VRAMP_RP
Second Harmonic
-15
-10
dBm
VRAMP=0.2V to VRAMP=VRAMP_RP
Third Harmonic
-25
-15
dBm
VRAMP=0.2V to VRAMP=VRAMP_RP
All Other
Non-Harmonic Spurious
-36
dBm
VRAMP=0.2V to VRAMP MAX
Input Impedance
50
Ω
Input VSWR
2.5:1
VRAMP=0.2V to VRAMP MAX
Output Load VSWR Stability
8:1
Spurious<-36dBm, RBW=3MHz
Set VRAMP where POUT<34dBm into 50Ω
load
Output Load VSWR Ruggedness
10:1
Set VRAMP where POUT<34dBm into 50Ω
load. No damage or permanent degradation
to part.
Output Load Impedance
50
Ω
Load impedance presented at RF OUT pad
Power Control VRAMP
Power Control Range
50
dB
VRAMP=0.2V to VRAMP MAX
Notes:
VRAMP MAX=0.4*VBATT+0.06<1.5V
VRAMP_RP=VRAMP set for 34dBm at nominal conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com