| データシートサーチシステム |
|
SP6265LER-L/TR データシート(PDF) 5 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP6265LER-L/TR データシート(HTML) 5 Page - Sipex Corporation |
|
5 / 13 page ![]() 5 Mar2-07 Rev O SP6265 Dual Low-Dropout CMOS Voltage Regulator © 2007 Sipex Corporation Pin Description S P6265L, M -- DFn package without Bypass Pin number Pin name Description VIN Regulator Input. Supply voltage can range from [VOUT2+VDROPOUT] to 5.5V. This input also supplies the on-chip reference. Bypass with µF to GND. 2 EN Shutdown control input, active low. Tie this pin to or above 2.V to enable the device. Tie this pin to or below 0.V to turn off the device. EN2 Shutdown 2 control input, active low. Tie this pin to or above 2.V to enable the device. Tie this pin to or below 0.V to turn off the device. NC Not Connected 5 GND Ground. This pin also functions as heatsink. Solder to a large pad or the circuit-board ground plane to maximize thermal dissipation. 6 NC Not Connected 7 VOUT2 Regulator 2 Output. Sources up to 50mA continuous current. Bypass with a µF (< 0.5Ohm typical ESR) capacitor to GND. 8 VOUT Regulator Output. Sources up to 50mA continuous current. Bypass with a µF (< 0.5Ohm typical ESR) capacitor to GND. Functional Block Diagram VOUT1 VOUT2 en1 error Amp1 Vin gnD en2 On/OFF Control VR1 each Circuit On/OFF Control VR2 each Circuit Voltage Reference error Amp2 Current Limit Current Limit R11 R12 R21 R22 |