データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SP7122CEK-L/TR データシート(PDF) 4 Page - Sipex Corporation

部品番号 SP7122CEK-L/TR
部品情報  2 or 3 Channel Low Dropout High Side Linear LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIPEX [Sipex Corporation]
ホームページ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7122CEK-L/TR データシート(HTML) 4 Page - Sipex Corporation

  SP7122CEK-L/TR Datasheet HTML 1Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 2Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 3Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 4Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 5Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 6Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 7Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 8Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Jun29-07 RevD
SP7120/22 Low Dropout LED Driver
© 2007 Sipex Corporation
page
4
OUTPUT CURRENT SELECTION TABLE
Part Number
Output
Current per
channel
Number
of
Channels
Comments
SP7120A
15mA
2
Channels can be combined for higher output current
SP7120B
20mA
2
Channels can be combined for higher output current
SP7120C
25mA
2
Channels can be combined for higher output current
SP7122A
15mA
3
Channels can be combined for higher output current
SP7122B
20mA
3
Channels can be combined for higher output current
SP7122C
25mA
3
Channels can be combined for higher output current
CIRCUIT DESCRIPTION
The SP712X drivers are regulated current
sources with an enable input. The SP7120
and SP7122 have factory preset LED
current at three programmed levels: 15mA,
20mA or 25mA (versions A, B, and C
respectively). The SP712X circuit consists
of enable, bandgap reference, and current
amplifier circuit blocks. Enable circuit block
provides the enable and PWM function for
the
SP712x.
The
bandgap
reference
provides a stable voltage source from which
the output current is derived.
ENABLE
The SP712X drivers have a low current
shutdown function. In shutdown mode, the
part draws less than 1µA current maximum.
The part can be set into shutdown mode
using the EN pin (EN = LOW). The enable
pin cannot be left floating. There are no
predefined internal states, so leaving this
pin open will cause the part to operate
incorrectly.
PWM Dimming
The SP712X drivers allow LED-dimming
control by applying PWM signaling to EN
pin. The acceptable frequency range of this
signal is 100Hz to 20 kHz. The minimum
ON time that is required for the Enable pin
is 15µs. Thus for a 2kHz PWM signal, the
acceptable duty cycle range is 3% to 100%.
To find the minimum PWM duty cycle the
following steps are needed:
Step 1: Determine the time period of the
PWM frequency
Where PWM
f is the PWM frequency
Step 2: take the minimum enable ON time;
this is 15µS for the SP712x parts
Example
For a 2kHz signal the minimum duty
cycle for the PWM signal is
%Minimum Duty cycle = 3%
Fault Operation
If one of LEDs is shorted, the voltage across
The Sp712X for that LED pin will be Vcc,
but that channel will still provide the nominal
current
value
thus
increasing
power
dissipation. If all channels are shorted,
excessive power dissipation may damage
the device. If an LED is open, the LED pin
voltage will be pulled up to Vcc, and LED
current will be reduced to 3mA for the other
channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17