データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT8350SAVPBF データシート(PDF) 20 Page - Analog Devices

部品番号 LT8350SAVPBF
部品情報  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF データシート(HTML) 20 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 16Page - Analog Devices LT8350SAVPBF Datasheet HTML 17Page - Analog Devices LT8350SAVPBF Datasheet HTML 18Page - Analog Devices LT8350SAVPBF Datasheet HTML 19Page - Analog Devices LT8350SAVPBF Datasheet HTML 20Page - Analog Devices LT8350SAVPBF Datasheet HTML 21Page - Analog Devices LT8350SAVPBF Datasheet HTML 22Page - Analog Devices LT8350SAVPBF Datasheet HTML 23Page - Analog Devices LT8350SAVPBF Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
20 of 36
Figure 29. Current Mode vs VIN/VOUT Ratio
Figure 30. Operation Region vs VIN/VOUT Ratio
(1) Peak-Buck in Buck Region (VIN >> VOUT)
When VIN is much higher than VOUT, the LT8350S uses peak-buck current mode control in the buck region (See
Figure 31). Switch C is always off, and switch D is always on. At the beginning of every cycle, switch A is turned on,
and the inductor current ramps up. When the inductor current hits the peak-buck current threshold commanded
by VC voltage at buck current comparator A1 during the (A + D) phase, switch A is turned off and switch B is turned
on for the rest of the cycle. Switches A and B will alternate, behaving like a typical synchronous buck regulator.
Figure 31. Peak-Buck in Buck Region (VIN>>VOUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36