データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RF7115 データシート(PDF) 22 Page - RF Micro Devices

部品番号 RF7115
部品情報  QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFMD [RF Micro Devices]
ホームページ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7115 データシート(HTML) 22 Page - RF Micro Devices

Back Button RF7115 Datasheet HTML 14Page - RF Micro Devices RF7115 Datasheet HTML 15Page - RF Micro Devices RF7115 Datasheet HTML 16Page - RF Micro Devices RF7115 Datasheet HTML 17Page - RF Micro Devices RF7115 Datasheet HTML 18Page - RF Micro Devices RF7115 Datasheet HTML 19Page - RF Micro Devices RF7115 Datasheet HTML 20Page - RF Micro Devices RF7115 Datasheet HTML 21Page - RF Micro Devices RF7115 Datasheet HTML 22Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
11-386
RF7115
Rev A0 060808
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD's qualification process is electroless nickel, immersion gold. Typical thickness is
3
μinch to 8μinch gold over 180μinch nickel.
PCB Land Pattern Recommendation
PCB land patterns for RFMD components are based on IPC-7351 standards and RFMD empirical data. The pad pattern
shown has been developed and tested for optimized assembly at RFMD. The PCB land pattern has been developed to
accommodate lead and package tolerances. Since surface mount processes vary from company to company, careful
process development is recommended.
PCB Metal Land and Solder Mask Pattern
Dimensions in mm.
A = 0.65 Sq. Typ.
B = 2.65 x 2.62
C = 2.05 x 2.25
D = 2.05 x 2.62
E = 2.05 x 2.12
Solder Mask Pattern
A
C
D
B
A
A
E
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
0.00
0.49
0.80 Typ.
1.60 Typ.
2.40 Typ.
3.20 Typ.
4.00 Typ.
4.80 Typ.
5.60 Typ.
6.40 Typ.
7.20 Typ.
6.73
0.86
1.92 Typ.
6.27
3.53 Typ.
5.15 Typ.
7.40 Typ.
A = 0.50 Sq. Typ.
Metal Land Pattern
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
7.45 Typ.
6.81
3.75
0.25
0.00
0.42
5.60
6.40
4.80
4.00
0.80 Typ.
1.60 Typ.
2.40 Typ.
3.20 Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22