| データシートサーチシステム |
|
SP7661EB データシート(PDF) 7 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP7661EB データシート(HTML) 7 Page - Sipex Corporation |
|
7 / 11 page ![]() Feb21-07 SP7661 Evaluation Manual ©2007 Sipex Corporation Page 7 of 11 Step by step design procedures: Choose fs/10 fco = 60Khz 600Khz/10 fco = = Calculate fp_LC, the double pole frequency of the filter ) C L ( 2 1 fp_LC ⋅ = π 12kHz 11.99kHz ) 80uF 2.2uH 2π 1 fp_LC ≈ = ⋅ ⋅ = Calculate fz_ESR , the ESR zero frequency Cout Cesr 2π 1 fz_ESR ⋅ ⋅ = kHz µF mΩ π ESR fz 663 ) 80 ( ) 3 ( 2 1 _ = ⋅ ⋅ = Select R1 component value such that 10k Ω ≤ R1 ≤ 100kΩ R1 = 10k Ω, 1% Calculate R2 base on the desired VOUT 1 8 . 1 2 − = V Vout R R Ω ≈ Ω = − Ω = 3160 3200 1 8 . 3 . 3 10 2 V V K R Note: Loop Compensation component calculations discussed in this section are further elaborated in the application note #ANP16, “Loop Compensation of Voltage-Mode Buck Converters”. These calculations shown here can be quickly iterated with the Type III Loop Compensation Calculator on the web at: www.sipex.com/files/Application-Notes/TypeIIICalculator.xls |