データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SP7663 データシート(PDF) 9 Page - Sipex Corporation

部品番号 SP7663
部品情報  Evaluation Board Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIPEX [Sipex Corporation]
ホームページ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663 データシート(HTML) 9 Page - Sipex Corporation

Back Button SP7663 Datasheet HTML 5Page - Sipex Corporation SP7663 Datasheet HTML 6Page - Sipex Corporation SP7663 Datasheet HTML 7Page - Sipex Corporation SP7663 Datasheet HTML 8Page - Sipex Corporation SP7663 Datasheet HTML 9Page - Sipex Corporation SP7663 Datasheet HTML 10Page - Sipex Corporation SP7663 Datasheet HTML 11Page - Sipex Corporation SP7663 Datasheet HTML 12Page - Sipex Corporation SP7663 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Mar12-07 RevD
SP7663 Evaluation Board Manual
©2007 Sipex Corp.
Page 9 of 16
TYPE II LOOP COMPENSATION DESIGN
Type II compensation is specifically used when an Electrolytic or Tantalum output
capacitor is chosen at the converter output due to its low cost. In that case, the zero
caused by the output capacitor ESR is within a few kHz and this is of course greatly
simplifying the voltage loop compensation design. By adding an additional zero in the
compensation loop before the first pole, the voltage loop bandwidth is extended with a
90º phase boost and hence the overall transient response time is improved. Most
previous guidelines for calculating the component values for Type III compensation can
be carries over for Type II except for the new Rz, Cz and Cp components. Note that
RZ2, CZ2, CP1, RZ3, and CZ3 components are not required for the Type II Loop
Compensation Design.
Figure 10. Voltage Mode Control Loop with Loop Dynamic for Type II
Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16