データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X6857D データシート(PDF) 7 Page - EPCOS

部品番号 X6857D
部品情報  SAW Components Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPCOS [EPCOS]
ホームページ  http://www.epcos.com
Logo EPCOS - EPCOS

X6857D データシート(HTML) 7 Page - EPCOS

  X6857D Datasheet HTML 1Page - EPCOS X6857D Datasheet HTML 2Page - EPCOS X6857D Datasheet HTML 3Page - EPCOS X6857D Datasheet HTML 4Page - EPCOS X6857D Datasheet HTML 5Page - EPCOS X6857D Datasheet HTML 6Page - EPCOS X6857D Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Nov 13, 2003
SAW Components
X 6857 D
36,00 MHz
Bandpass Filter
Data Sheet
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW CE MM PD
P.O. Box 80 17 09, D-81617 München
© EPCOS AG 2001. All Rights Reserved.
As far as patents or other rights of third parties are concerned, liability is only assumed for compo-
nents per se, not for applications, processes and circuits implemented within components or
assemblies.
The information describes the type of component and shall not be considered as assured
characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or
the international representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our sales offices.



Html Pages

1 2 3 4 5 6 7