| データシートサーチシステム |
|
SAB9079HS データシート(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAB9079HS データシート(HTML) 39 Page - NXP Semiconductors |
|
39 / 48 page ![]() 2000 Jan 13 39 Philips Semiconductors Preliminary specification Multistandard Picture-In-Picture (PIP) controller SAB9079HS TV APPLICATION WITH INSERTION AFTER 100 HZ (SLAVE) In this application there is no relationship between the deflection and acquisition circuits. A double window feature can be realized by letting the feature box compress one window and make the second window by the SAB9079HS. In this application the HVSYNC of the feature box/line doubler is connected to the main acquisition HVSYNC. The restriction is that no main PIPs can be displayed. The application diagram is illustrated in Fig.10. handbook, full pagewidth MGS830 Y*UV DISPLAY SUB DECODER HV HV DECODER SWITCH Y*UV FEATURE BOX/ LINE DOUBLER HV Y*UV (not used) HV Y*UV/RGB FBL Fig.10 2Fh/1Fh application with insertion after the feature box/line doubler. Instead of the feature box a SVGA signal can be applied. |