| データシートサーチシステム |
|
24CSM01-E/SN データシート(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24CSM01-E/SN データシート(HTML) 14 Page - Microchip Technology |
|
14 / 63 page ![]() 24CSM01 DS20006781B -page 14 Preliminary 2023 Microchip Technology Inc. and its subsidiaries 6.0 WRITE OPERATIONS All write operations for the 24CSM01 begin with the host sending a Start condition followed by a device address byte with the R/W bit set to a logic ‘0’ and then by the word address bytes. The data value(s) to be written to the device immediately follow the word address bytes. 6.1 Byte Write The 24CSM01 supports the writing of a single 8-bit byte. Selecting a data byte in the 24CSM01 requires a 17-bit word address. Upon receipt of the proper device address and the word address bytes, the EEPROM will send an Acknowledge. The device will then be ready to receive the 8-bit data byte. Following the receipt of the data byte, the EEPROM will respond with an Acknowledge. The addressing device, such as a host, must then terminate the write operation with a Stop condition. At that time, the EEPROM will enter an internally self-timed write cycle, which will be completed within TWC, while the data byte is being programmed into the nonvolatile EEPROM. All inputs are disabled during this write cycle and the EEPROM will not respond until the write operation is complete. If an attempt is made to write to a write-protected portion of the array, no data will be written and the device will immediately accept a new command. FIGURE 6-1: BYTE WRITE SCL 13 4 5 6 7 8 29 MSb 13 4 5 6 7 8 29 11 0 A2 A1 A16 0 0 A15 A14 A12 A11 A10 A9 A8 0 A13 0 SDA MSb 1 3 45 67 8 29 1 3 45 67 8 29 MSb A7 A5 A4 A3 A2 A1 A0 A6 D7 D6 D4 D3 D2 D1 D0 0 D5 0 MSb Device Address Byte Word Address – Byte 0 ACK from Client ACK from Client Start by Host Data Byte Word Address – Byte 1 ACK from Client ACK from Client Stop by Host |