データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAN8804 データシート(PDF) 74 Page - Microchip Technology

部品番号 LAN8804
部品情報  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804 データシート(HTML) 74 Page - Microchip Technology

Back Button LAN8804 Datasheet HTML 70Page - Microchip Technology LAN8804 Datasheet HTML 71Page - Microchip Technology LAN8804 Datasheet HTML 72Page - Microchip Technology LAN8804 Datasheet HTML 73Page - Microchip Technology LAN8804 Datasheet HTML 74Page - Microchip Technology LAN8804 Datasheet HTML 75Page - Microchip Technology LAN8804 Datasheet HTML 76Page - Microchip Technology LAN8804 Datasheet HTML 77Page - Microchip Technology LAN8804 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
LAN8804
DS00003591G-page 74
© 2024 Microchip Technology Inc. and its subsidiaries
6.6.3
RESET PIN CONFIGURATION STRAP TIMING
Figure 6-3 illustrates the
RESET_N timing requirements and its relation to the configuration straps. RESET_N must be
asserted for the minimum period specified.
FIGURE 6-3:
RESET_N CONFIGURATION STRAP TIMING
TABLE 6-16: RESET_N CONFIGURATION STRAP TIMING
Symbol
Description
Min
Typ
Max
Units
trstia
RESET_N input assertion time
1
—
—
µs
tcss
Configuration strap setup before
RESET_N de-assertion
5
—
—
ns
tcsh
Configuration strap hold after
RESET_N de-assertion
5
—
—
ns
todad
Output drive after
RESET_N de-assertion
3.5
—
—
µs
RESET_N
Configuration
Strap Pins
trstia
tcsh
Output Drive




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91