データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SST25WF080B データシート(PDF) 8 Page - Microchip Technology

部品番号 SST25WF080B
部品情報  8-Mbit, 1.8V, SPI Serial Flash
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080B データシート(HTML) 8 Page - Microchip Technology

Back Button SST25WF080B_V01 Datasheet HTML 4Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 5Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 6Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 7Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 8Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 9Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 10Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 11Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
SST25WF080B
DS20005164H-page 8
 2013-2022 Microchip Technology Inc. and its subsidiaries
4.2.4
BLOCK PROTECTION LOCK-DOWN
(BPL–BIT 7)
When the WP# pin is driven low (VIL), it enables the
Block Protection Lock Down (BPL) bit. When BPL is set
to ‘1’, it prevents any further alteration of the BP0, BP1,
BP2, TB, and BPL bits. When the WP# pin is driven
high (VIH), the BPL bit has no effect and its value is
‘Don’t Care’.
TABLE 4-3:
SOFTWARE STATUS REGISTER BLOCK PROTECTION
Protection Level
STATUS Register Bit
Protected Memory Address
TB
BP2
BP1
BP0
0 (Full Memory Array unprotected)
X0
00
None
T1 (1/16 Top Memory Block protected)
00
01
0F0000H-0FFFFFH
T2 (1/8 Top Memory Block protected)
00
10
0E0000H-0FFFFFH
T3 (1/4 Top Memory Block protected)
00
11
0C0000H-0FFFFFH
T4 (1/2 Top Memory Block protected)
01
00
080000H-0FFFFFH
B1 (1/16 Bottom Memory Block protected)
10
01
000000H-00FFFFH
B2 (1/8 Bottom Memory Block protected)
10
10
000000H-01FFFFH
B3 (1/4 Bottom Memory Block protected)
10
11
000000H-03FFFFH
B4 (1/2 Bottom Memory Block protected)
11
00
000000H-07FFFFH
5 (Full Memory Block protected)
X1
01
000000H-0FFFFFH
5 (Full Memory Block protected)
X1
1X
000000H-0FFFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44