| データシートサーチシステム |
|
SAF7113 データシート(PDF) 71 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAF7113 データシート(HTML) 71 Page - NXP Semiconductors |
|
71 / 80 page ![]() 2000 May 08 71 Philips Semiconductors Product specification 9-bit video input processor SAF7113H 15.2.26 SUBADDRESS 41H TO 57H Table 61 LCR register 2 to 24 (41H to 57H); see Table 4 Note 1. The assignment of the upper and lower nibbles to the corresponding field depends on the setting of FOFF (subaddress 5B, D7); see Table 62. Table 62 Setting of FOFF LCR REGISTER 2 TO 24 (41H TO 57H) FRAMING CODE D7 TO D4 D3 TO D0 DT3 TO DT0(1) DT3 TO DT0(1) WST625 teletext EuroWST, CCST 27H 0000 0000 CC625 European closed caption 001 0001 0001 VPS video programming service 9951H 0010 0010 WSS wide screen signalling bits 1E3C1FH 0011 0011 WST525 US teletext (WST) 27H 0100 0100 CC525 US closed caption (line 21) 001 0101 0101 Test line video component signal, VBI region − 0110 0110 Intercast oversampled CVBS data − 0111 0111 General text teletext programmable 1000 1000 VITC625 VITC/EBU time codes (Europe) programmable 1001 1001 VITC/SMPTE time codes (USA) programmable 1010 1010 Reserved reserved − 1011 1011 NABTS US NABTS − 1100 1100 Japtext MOJI (Japanese) programmable (A7H) 1101 1101 JFS Japanese format switch (L20/22) programmable 1110 1110 Active video video component signal, active video region (default) − 1111 1111 FOFF D7 TO D4 D3 TO D0 0 field 1 field 2 1 field 2 field 1 |