| データシートサーチシステム |
|
ADIS16501-2/PCBZ データシート(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADIS16501-2/PCBZ データシート(HTML) 9 Page - Analog Devices |
|
9 / 45 page ![]() Data Sheet ADIS16501 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS analog.com Rev. B | 9 of 45 Table 5. Pin Function Descriptions (Continued) Pin No. Mnemonic Type Description D2 NC Not applicable No Connection D3 GND Supply Power Ground D4 NC Not applicable No Connection D5 NC Not applicable No Connection D6 VDD Supply Power Supply D7 NC Not applicable No Connection D8 NC Not applicable No Connection D9 NC Not applicable No Connection D10 NC Not applicable No Connection E1 NC Not applicable No Connection E2 GND Supply Power Ground E3 VDD Supply Power Supply E4 NC Not applicable No Connection E5 NC Not applicable No Connection E6 GND Supply Power Ground E7 GND Supply Power Ground E8 NC Not applicable No Connection E9 NC Not applicable No Connection E10 NC Not applicable No Connection F1 GND Supply Power Ground F2 NC Not applicable No Connection F3 A Input Reset F4 NC Not applicable No Connection F5 GND Supply Power Ground F6 GND Supply Power Ground F7 NC Not applicable No Connection F8 GND Supply Power Ground F9 NC Not applicable No Connection F10 NC Not applicable No Connection G1 VDD Supply Power Supply G2 GND Supply Power Ground G3 A Input SPI, Chip Select G4 NC Not applicable No Connection G5 NC Not applicable No Connection G6 DIN Input SPI, Data Input G7 GND Supply Power Supply G8 NC Not applicable No Connection G9 NC Not applicable No Connection G10 NC Not applicable No Connection H1 VDD Supply Power Supply H2 NC Not applicable No Connection H3 DOUT Output SPI, Data Output H4 NC Not applicable No Connection H5 NC Not applicable No Connection |