| データシートサーチシステム |
|
ADIS16501/PCBZ データシート(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADIS16501/PCBZ データシート(HTML) 22 Page - Analog Devices |
|
22 / 45 page ![]() Data Sheet ADIS16501 THEORY OF OPERATION analog.com Rev. B | 22 of 45 Figure 39. SPI Read Example Figure 41 provides an example of the four SPI signals when read- ing the PROD_ID register (see Table 120) in a repeating pattern. This pattern can be helpful when troubleshooting the SPI setup and communications because the signals are the same for each 16-bit sequence, except during the first cycle. Figure 40. SPI Communication Bit Sequence Figure 41. SPI Signal Pattern, Repeating Read of the PROD_ID Register |