| データシートサーチシステム |
|
S71PL129JC0 データシート(PDF) 64 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S71PL129JC0 データシート(HTML) 64 Page - SPANSION |
|
64 / 153 page ![]() 62 S71PL129JC0/S71PL129JB0/S71PL129JA0 S71PL129Jxx_00_A8 October 28, 2005 Advance Info rmation Notes: 1. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits.“DQ5: Exceeded Timing Limits” for more information. 2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details. 3. When reading write operation status bits, the system must always provide the bank address where the Embedded Algorithm is in progress. The device outputs array data if the system addresses a non-busy bank. Table 14. Write Operation Status Status DQ7 (Note 2) DQ6 DQ5 (Note 1) DQ3 DQ2 (Note 2) RY/BY# Standard Mode Embedded Program Algorithm DQ7# Toggle 0 N/A No toggle 0 Embedded Erase Algorithm 0 Toggle 0 1 Toggle 0 Erase Suspend Mode Erase-Suspend- Read Erase Suspended Sector 1 No toggle 0 N/A Toggle 1 Non-Erase Suspended Sector Data Data Data Data Data 1 Erase-Suspend-Program DQ7# Toggle 0 N/A N/A 0 |