データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TYNX10 データシート(PDF) 2 Page - STMicroelectronics

部品番号 TYNX10
部品情報  10A SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYNX10 データシート(HTML) 2 Page - STMicroelectronics

  TYNX10 Datasheet HTML 1Page - STMicroelectronics TYNX10 Datasheet HTML 2Page - STMicroelectronics TYNX10 Datasheet HTML 3Page - STMicroelectronics TYNX10 Datasheet HTML 4Page - STMicroelectronics TYNX10 Datasheet HTML 5Page - STMicroelectronics TYNX10 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TYNx10 Series
2/6
Tables 4: Electrical Characteristics (Tj = 25°C, unless otherwise specified)
Table 5: Thermal Resistance
Symbol
Test Conditions
Value
Unit
IGT
VD = 12 V (D.C.)
RL = 33 Ω
MAX.
15
mA
VGT
MAX.
1.5
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 110°C
MIN.
0.2
V
tgt
VD = VDRM IG = 40 mA dIG/dt = 0.5 A/µs
TYP.
2
µs
IH
IT = 100 mA Gate open
MAX.
30
mA
IL
IG = 1.2 x IGT
TYP.
50
mA
dV/dt
Linear slope up to:
VD = 67 % VDRM Gate open
Tj = 110°C
MIN.
200
V/µs
VTM
ITM = 20 A tp = 380 µs
MAX.
1.6
V
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
10
µA
Tj = 110°C
2mA
tq
VD = 67 % VDRM ITM = 20 A VR = 25 V
dITM/dt = 30 A/µs dVD/dt = 50 V/µs
Tj = 110°C
TYP.
70
µs
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (D.C.)
2.5
°C/W
Rth(j-a)
Junction to ambient
60
°C/W
Figure 1: Maximum average power dissipation
versus average on-state current
Figure
2:
Correlation
between
maximum
average power dissipation and maximum
allowable temperature (Tamb and Tlead)
P(W)
I
(A)
T(AV)
360°
α
α = 180°
DC
α = 120°
α = 90°
α = 30°
α = 60°
12
10
8
6
4
2
0
0
1234
5
6
8
79
T
(°C)
amb
0
20
40
60
80
100
120
140
125
120
100
105
115
110
P(W)
T
(°C)
case
12
10
8
6
4
2
0
α = 180°
R = 6°C/W
th
R = 4°C/W
th
R = 2°C/W
th
R = 0°C/W
th



Html Pages

1 2 3 4 5 6