| データシートサーチシステム |
|
TYN410RG データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TYN410RG データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 6 page ![]() TYNx10 Series 2/6 Tables 4: Electrical Characteristics (Tj = 25°C, unless otherwise specified) Table 5: Thermal Resistance Symbol Test Conditions Value Unit IGT VD = 12 V (D.C.) RL = 33 Ω MAX. 15 mA VGT MAX. 1.5 V VGD VD = VDRM RL = 3.3 kΩ Tj = 110°C MIN. 0.2 V tgt VD = VDRM IG = 40 mA dIG/dt = 0.5 A/µs TYP. 2 µs IH IT = 100 mA Gate open MAX. 30 mA IL IG = 1.2 x IGT TYP. 50 mA dV/dt Linear slope up to: VD = 67 % VDRM Gate open Tj = 110°C MIN. 200 V/µs VTM ITM = 20 A tp = 380 µs MAX. 1.6 V IDRM IRRM VDRM = VRRM Tj = 25°C MAX. 10 µA Tj = 110°C 2mA tq VD = 67 % VDRM ITM = 20 A VR = 25 V dITM/dt = 30 A/µs dVD/dt = 50 V/µs Tj = 110°C TYP. 70 µs Symbol Parameter Value Unit Rth(j-c) Junction to case (D.C.) 2.5 °C/W Rth(j-a) Junction to ambient 60 °C/W Figure 1: Maximum average power dissipation versus average on-state current Figure 2: Correlation between maximum average power dissipation and maximum allowable temperature (Tamb and Tlead) P(W) I (A) T(AV) 360° α α = 180° DC α = 120° α = 90° α = 30° α = 60° 12 10 8 6 4 2 0 0 1234 5 6 8 79 T (°C) amb 0 20 40 60 80 100 120 140 125 120 100 105 115 110 P(W) T (°C) case 12 10 8 6 4 2 0 α = 180° R = 6°C/W th R = 4°C/W th R = 2°C/W th R = 0°C/W th |