| データシートサーチシステム |
|
TYN610RG データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TYN610RG データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 6 page ![]() ® 1/6 Table 1: Main Features DESCRIPTION The TYNx10 Silicon Controlled Rectifiers is a high performance glass passivated technology. This general purpose Silicon Controlled Rectifiers is designed for power supply up to 400Hz on resis- tive or inductive load. Symbol Value Unit IT(RMS) 10 A VDRM/VRRM 400, 600 and 800 V IGT 15 mA TYNx10 Series 10A SCR REV. 2 February 2006 STANDARD Table 2: Order Codes Part Numbers Marking TYN410RG TYN410 TYN610RG TYN610 TYN810RG TYN810 A K G A K G A TO-220AB Table 3: Absolute Ratings (limiting values) Symbol Parameter Value Unit IT(RMS) RMS on-state current (180° conduction angle) Tc = 100°C 10 A IT(AV) Average on-state current (180° conduction angle) Tc = 100°C 6.4 A ITSM Non repetitive surge peak on-state current tp = 8.3 ms Tj = 25°C 105 A tp = 10 ms 100 I²tI²t Value for fusing tp = 10 ms Tj = 25°C 50 A2S dI/dt Critical rate of rise of on-state current IG = 100 mA , dIG/dt = 0.1 A/µs Tj = 125°C 50 A/µs IGM Peak gate current tp = 20 µs Tj = 125°C 4A PG(AV) Average gate power dissipation Tj = 125°C 1W PGM Maximum gate power tp = 20 µs Tj = 125°C 10 W VDRM VRRM Repetitive peak off-state voltage TYN410 Tj = 125°C 400 V TYN610 600 TYN810 800 Tstg Tj Storage junction temperature range Operating junction temperature range - 40 to + 150 - 40 to + 125 °C TL Maximum lead temperature for soldering during 10s at 2mm from case 260 °C |
同様の部品番号 - TYN610RG |
|
同様の説明 - TYN610RG |