データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1ICS3101 データシート(PDF) 17 Page - NXP Semiconductors

部品番号 SL1ICS3101
部品情報  I.CODE1 Label IC 97pF Chip Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL1ICS3101 データシート(HTML) 17 Page - NXP Semiconductors

Back Button SL1ICS3101 Datasheet HTML 13Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 14Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 15Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 16Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 17Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 18Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 19Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 20Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Product Specification
SL1 ICS31 01
Rev. 1.2
July 2000
Page 17 of 22
Public
15 Inlet/Label Characterisation and Test
15.1 Characterisation of the Inlet/Label
The parameters recommended to be characterised for the inlet/label are:
Parameter
Symbol
Conditions
Threshold field strength for
UNSELECTED READ command
(standard mode)
HTRead
UNSELECTED READ command OK
Threshold resonance frequency
fRT
Resonance frequency @ HTRead
No command transmitted to the inlet/label
à
Label generates no response
à No modulation
Threshold field strength for WRITE
command
(standard mode)
HTWrite
WRITE (and Verifying READ) command OK
For more detailed information on inlet /label characterisation please refer to Philips application note
‘I•CODE Label IC, Coil Design Guide’.
15.2 Final Test of the Inlet/Label
Basic flow for production and test:
1. Production of wafer
2. Testing of dies on wafer
3. Writing of serial numbers and pre-configuration
4. Sawing of wafer
5. Assembly of inlets/labels
6. Final test of inlets/labels
7. Writing of customer data
To detect damage of EEPROM cells during production of inlets/labels a final test of the
EEPROM after assembly of the inlet/label is recommended. This is necessary to achieve
lowest failure rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22