| データシートサーチシステム |
|
WSI04015J-R22M データシート(PDF) 17 Page - AiT Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
WSI04015J-R22M データシート(HTML) 17 Page - AiT Semiconductor Inc. |
|
17 / 17 page ![]() AiT Semiconductor Inc. WSI www.ait-ic.com WIRE WOUND SMD INDUCTOR REV1.1 - 17 - IMPORTANT NOTICE AiT Semiconductor Inc. (AiT) reserves the right to make changes to any its product, specifications, to discontinue any integrated circuit product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the information being relied on is current. AiT Semiconductor Inc.'s integrated circuit products are not designed, intended, authorized, or warranted to be suitable for use in life support applications, devices or systems or other critical applications. Use of AiT products in such applications is understood to be fully at the risk of the customer. As used herein may involve potential risks of death, personal injury, or servere property, or environmental damage. In order to minimize risks associated with the customer's applications, the customer should provide adequate design and operating safeguards. AiT Semiconductor Inc. assumes to no liability to customer product design or application support. AiT warrants the performance of its products of the specifications applicable at the time of sale. |