| データシートサーチシステム |
|
WSI10040L-R24M データシート(PDF) 12 Page - AiT Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
WSI10040L-R24M データシート(HTML) 12 Page - AiT Semiconductor Inc. |
|
12 / 17 page ![]() AiT Semiconductor Inc. WSI www.ait-ic.com WIRE WOUND SMD INDUCTOR REV1.1 - 12 - ●TEST EQUIPMENT 1. HP4284A, HP42841A - L, Q, DCR, IDC 2. HP8753D Network analyzer – SRF ●OPERATING & STORAGE CONDITION 1. Operating Temp: -40 ~ +125℃ (Including self - temperature rise) 2. Storage Temp: a. Product with Taping: -10 ~ 45℃, 50 ~ 60% RH b. On Board: -40 ~ +125℃ 3. Storage Life Time: 12 Month (Less than 40℃ and 60% RH) Standard Atmosphere Conditions: Ambient Temperature 20 ± 15℃; Humidity RH 65 ± 20% If there may be any doubt on the test result, Measurement shall be made within the following limits: Ambient Temperature 25 ± 5℃; Humidity RH 75 ± 10% ●RECOMMEND REFLOW CURVE (TIME: Second) Notice: Iron Soldering, Solder < 30 Watt, Direct touch the terminal x 3 Sec. Max. @ 350℃ ●ATTENTION & CAUTION: * Keep out of Splashing water or salt water * Avoid Toxic Gas (Hydrogen sulfide, Sulfurous acid, Chlorine, Ammonia) * Vibrations or shocks which exceed the specified condition * Dew condense * Layout near the edge of PCB * Over flexure after SMT mounting & PCBA * Pin foot or SMD pad solder ability: Pb free type is best within 6 months after delivery * Humidity sensitive, IPC/JEDEC J-STD-020 MSL if over Level 1, recommend bake 30mins@150℃ before PCBA * Caution for human life relative applications: PLS contact & consult with AiT team in design stage. |