データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WSI12065E-R40M データシート(PDF) 13 Page - AiT Semiconductor Inc.

部品番号 WSI12065E-R40M
部品情報  WIRE WOUND SMD INDUCTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AITSEMI [AiT Semiconductor Inc.]
ホームページ  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSI12065E-R40M データシート(HTML) 13 Page - AiT Semiconductor Inc.

Back Button WSI12065E-R40M Datasheet HTML 9Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 10Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 11Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 12Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 13Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 14Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 15Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 16Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 17Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AiT Semiconductor Inc.
WSI
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
REV1.1
- 13 -
Care Note for Use:
(1) Storage Condition:
Temperature 25 to 35℃, Humidity 45 to 60% RH
(2) Use Temperature:
a. Minimum Temperature: -40℃ Ambient temperature of this product.
b. Maximum Temperature: +125℃ The value of temperature including ambient and temperature rise of
this product.
c. Reliability test temperature range from -40 ~ +125℃
d. However, this is not meant as temperature grade guarantee for UL.
(3) Model:
When this product was used in a similar or as new product to the original one, sometimes it might be
unable to satisfy the specifications due to difference in condition of usage.
(4) Drop:
If this product suffered mechanical stress such as drop, characteristics may become poor ( due to damage
on coil / bobbin / ferrite … etc. )
Never use such stressed product.
Care Note for Safety:
(1) Provision to Abnormal Condition:
This product itself does not have any protective function in abnormal condition such as overload, short-
circuit and open-circuit conditions, etc.
Therefore, it shall be confirmed from the end product that there is no risk of smoking, fire, dielectric
withstand voltage insulation resistance, etc. in abnormal conditions to provide protective devices and /or
protection circuit in the end product.
(2) Temperature Rise:
Temperature rise on this product depends on the installation condition on end products.
It shall be confirmed on the actual end product that temperature rise of this product is within the specified
temperature class limit.
(3) Dielectric Strength:
Dielectric withstanding test with higher voltage than specific value will damage insulating material and
shorten its life.
(4) Water:
This product must not be used in wet condition resulted from water, coffee or any liquid contact because
insulation strength becomes very low under such condition.
(5) Potting:
If this product is potted in some compound, coating material of magnet wire might be occasionally
damaged. Please ask us if you intend to pot this product.
(6) Detergent:
Please consult AiT Semi immediately once under such circumstances because product reliability
confirmation etc. is needed when this product come in contact with these chemicals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com