| データシートサーチシステム |
|
PL66X-XXOCL-R データシート(PDF) 15 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PL66X-XXOCL-R データシート(HTML) 15 Page - PhaseLink Corporation |
|
15 / 15 page ![]() Analog Frequency Multiplier PL660 and PL663 XO Families 47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990, FAX (510) 492-0991 www.phaselink.com Rev. 3/20/07 Page 15 ORDERING INFORMATION PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation. To order parts, please contact our Sales Department: 47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991 PART NUMBER The order number for this device is a combination of the following: Device number, Package type and Operating temperature range PL66X-XX X X X X Order Number Marking Package Option PL66X-XXOC P66X-XX OC TSSOP – Tube PL66X-XXOC-R P66X-XX OC TSSOP – Tape and Reel PL66X-XXOCL P66X-XX OC TSSOP (GREEN)– Tube PL66X-XXOCL-R P66X-XX OC TSSOP (GREEN)– Tape and Reel PL66X-XXQC P66X-XX QC QFN – Tube PL66X-XXQC-R P66X-XX QC QFN – Tape and Reel PL66X-XXQCL P66X-XX QC QFN (GREEN)– Tube PL66X-XXQCL-R P66X-XX QC QFN (GREEN)– Tape and Reel PART NUMBER TEMPERATURE C=COMMERCIAL I=INDUSTRIAL PACKAGE TYPE O=TSSOP Q= QFN 3x3 NONE= NORMAL PACKAGE L= GREEN PACKAGE NONE= TUBE R= TAPE AND REEL |